Part Number Hot Search : 
1N4046R UGN3113 K2503 ECVT40 HRDB320 VISHAY 42000 SP706R
Product Description
Full Text Search
 

To Download TCD1001P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCD1001P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1001P
The TCD1001P is a high sensitive and low dark current 128-elements linear image sensor which includes CCD drive circuit, clamp circuit and sample & hold circuit. The CCD drive circuit consists of the pulse generator therefore it is possible to easy drive by applying simple pulses. The sensor is designed for scanner.
FEATURES
l Number of Image Sensing Elements : 128 elements l Image Sensing Element Size : 32mx32m on 32m centers l Photo Sensing Region l Clock l Internal Circuit l Package : High sensitive pn photodiode : 3 Input pulses 5V : Sample & Hold circuit, Clamp circuit : 20 pin Weight: 1.0g (typ.)
MAXIMUM RATINGS
CHARACTERISTIC Master Clock Voltage Clock Pulse Voltage Shift Pulse Voltage Power Supply Voltage (Analog) Power Supply Voltage (Digital) Sample & Hold Switch Voltage Operating Temperature Storage Temperature SYMBOL VM V VSH VAD VDD1 VDD2 VSP Topr Tstg -0.3~15 0~60 -25~85 V C C -0.3~15 V -0.3~8 V RATING UNIT
PIN CONNECTION
Note 1: All voltage are with respect to SS terminals(Ground).
(TOP VIEW)
1
2002-03-08
TCD1001P
CIRCUIT DIAGRAM
PIN NAMES
M 1 2 SH OS DOS NC Master Clock Clock (Phase 1) Clock (Phase 2) Shift Gate Signal Output Compensation Output Non Connection VAD VDD1 VDD2 SS SS1 SS2 VSP Power (Analog) Power (Digital, 12V) Power (Digital, 12V) Ground (Analog) Ground (Digital, 12V) Ground (Digital, 12V) Sample and Hold Switch
2
2002-03-08
TCD1001P
(Ta = 25C, VAD = VDD1 = VDD2 = 12V, VM = V = VSH = 5V (PULSE), f = 1.0MHz, tINT (INTEGRATION TIME) = 10ms, LIGHT SOURCE = DAYLIGHT FLUORESCENT LAMP, LOAD RESISTANCE = 100k)
CHARACTERISTICS Sensitivity Photo Response Non Uniformity Saturation Output Voltage Saturation Exposure Dark Signal Voltage Dark Signal Non Uniformity Analog Current Dissipation Digital Current Dissipation Total Transfer Efficiency Output Impedance DC Signal Output Voltage DC Compensation Output Voltage DC Differential Error Voltage SYMBOL R PRNU (1) PRNU (3) VSAT SE VDRK DSNU IAD IDD1 IDD2 TTE ZO VOS VDOS |VOS-VDOS| MIN 63.7 1.2 92 3.5 3.5 TYP. 85 3 2.0 0.02 4 2 8.0 10.0 0.5 5.0 5.0 MAX 106 10 12 8 5 12 1 15 1.0 6.5 6.5 400 UNIT V / lx*s % mV V lx*s mV mV mA mA mA % k V V mV (Note 7) (Note 7) (Note 2) (Note 3) (Note 4) (Note 5) (Note 6) (Note 6) NOTE
OPTICAL / ELECTRICAL CHARACTERISTICS
Note 2: PRNU (1) is measured at 50% of SE (Typ.) Definition of PRNU : PRNU =
Dc c 100%
Where ? is average of total signal outputs and ,? is the maximum deviation from ? under uniform illumination. Note 3: PRNU (3) is defined as maximum voltage with next pixel where measured 5% of SE (Typ.) Note 4: VSAT is defined as minimum Saturation Output Voltage of all effective pixels. Note 5: Definition of SE : SE =
VSAT lx x s R
Note 6: VDRK is defined as average dark signal voltage of all effective pixels. DSNU is defined as different voltage between VDRK and VMDK when VMDK is maximum dark signal voltage.
3
2002-03-08
TCD1001P
Note 7: DC signal output voltage and DC compensation output voltage are defined as follows:
OPERATING CONDITION
CHARACTERISTICS Master Clock Pulse Voltage "H" Level "L" Level "H" Level "L" Level "H" Level "L" Level "H" Level "L" Level SYMBOL VM V1 V2 VSH MIN 4.5 0 4.5 0 V-0.5 0 4.5 0 11.4 11.4 11.4 TYP. 5.0 5.0 V 5.0 12.0 12.0 12.0 MAX 5.5 0.5 5.5 0.5 V 0.5 13.0 0.5 13.0 13.0 13.0 UNIT V
Clock Pulse Voltage
V
Shift Pulse Voltage
V
Sample and Hold Switch Voltage* Power Supply Voltage (Analog) Power Supply Voltage (Digital)
VSP VAD VDD1 VDD2
V V V
*:
Supply "H" Level to VSP terminal when sample-and-hold circuit is used, when sample-and-hold circuit is not used supply "L" Level to VSP terminal.
CLOCK CHARACTERISTICS (Ta = 25C)
CHARACTERISTICS Master Clock Pulse Frequency Clock Pulse Frequency Master Clock Pulse Capacitance Clock Capacitance Shift Gate Capacitance SYMBOL fM f CM C CSH MIN TYP. 2.0 1.0 10 100 50 MAX 6.0 3.0 20 200 100 UNIT MHz MHz pF pF pF
4
2002-03-08
TCD1001P
TIMING CHART
5
2002-03-08
TCD1001P
TIMING REQUIREMENS
6
2002-03-08
TCD1001P
CHARACTERISTICS Pulse Timing of SH and 1, 2 SH Pulse Rise Time, Fall Time SH Pulse Width Pulse Timing of SH and M 1, 2 Pulse Rise Time, Fall Time Pulse Timing of 1, 2 and M M Pulse Rise Time, Fall Time M Pulse Width Video Data Delay Time S / H Video Data Delay Time (Note 3)
SYMBOL t1 t5 t2, t4 t3 t6 t9, t10 t11, t13 t8, t12, t14 t7, t15, t16 t17, t18 t19 t20, t21
MIN 60 0 0 300 20 0 20 40 0 80
TYP. (Note 2) 300 300 50 1000 50 20 100 100 20 250 45 70
MAX
UNIT ns ns ns ns ns ns ns ns ns ns ns ns
Note 2: TYP. is the case of f = 1MHz. Note 3: Load Resistance is 100k.
7
2002-03-08
TCD1001P
TYPICAL DRIVE CIRCUIT
8
2002-03-08
TCD1001P
CAUTION
1. Window Glass
The dust and stain on the glass window of the package degrade optical performance of CCD sensor. Keep the glass window clean by saturating a cotton swab in alcohol and lightly wiping the surface, and allow the glass to dry, by blowing with filtered dry N2. Care should be taken to avoid mechanical or thermal shock because the glass window is easily to damage.
2.
Electrostatic Breakdown
Store in shorting clip or in conductive foam to avoid electrostatic breakdown. CCD Image Sensor is protected against static electricity, but interior puncture mode device due to static electricity is sometimes detected. In handing the device, it is necessary to execute the following static electricity preventive measures, in order to prevent the trouble rate increase of the manufacturing system due to static electricity. a. Prevent the generation of static electricity due to friction by making the work with bare hands or by putting on cotton gloves and non-charging working clothes. b. Discharge the static electricity by providing earth plate or earth wire on the floor, door or stand of the work room. c. Ground the tools such as soldering iron, radio cutting pliers of or pincer. It is not necessarily required to execute all precaution items for static electricity. It is all right to mitigate the precautions by confirming that the trouble rate within the prescribed range.
3.
Incident Light
CCD sensor is sensitive to infrared light. Note that infrared light component degrades resolution and PRNU of CCD sensor.
4.
Lead Frame Forming
Since this package is not strong against mechanical stress, you should not reform the lead frame. We recommend to use a IC-inserter when you assemble to PCB.
5.
Soldering
Soldering by the solder flow method cannot be guaranteed because this method may have deleterious effects on prevention of window glass soiling and heat resistance. Using a soldering iron, complete soldering within ten seconds for lead temperatures of up to 260C, or within three seconds for lead temperatures of up to 350C.
9
2002-03-08
TCD1001P
PACKAGE DIEMENSIONS
Unit : mm
Note1: Note2: Note3: Note4: Note5:
No. 1 SENSOR ELEMENT (S1) TO EDGE OF PACKAGE. TOP OF CHIP TO BOTTOM OF PACKAGE. TOP OF CHIP TO OF PACKAGE. GLASS THICKNESS (n = 1.5) No. 1 SENSOR ELEMENT (S1) TO CENTER OF No. 1 PIN.
Weight: 1.0g (typ.)
10
2002-03-08
TCD1001P
RESTRICTIONS ON PRODUCT USE
000707EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
11
2002-03-08


▲Up To Search▲   

 
Price & Availability of TCD1001P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X